Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNO2000B1 Datasheet(PDF) 1 Page - TEMEX

Part # LNO2000B1
Description  Low Noise Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO2000B1 Datasheet(HTML) 1 Page - TEMEX

  LNO2000B1 Datasheet HTML 1Page - TEMEX LNO2000B1 Datasheet HTML 2Page - TEMEX LNO2000B1 Datasheet HTML 3Page - TEMEX LNO2000B1 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Oscillator series
LNO 2000 B1
OCSO @ 2 GHz
LNO 2000 B1 - Revision D – January 2016
1 / 4
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
t o p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
Specific request can be addressed to RAKON hirel@rakon.fr
Product Description
LNO 2000 B1 is a low noise OCVCSO (Oven Controlled, Voltage
controlled, SAW Oscillator) at 2 GHz.
It is composed of a SAW oscillator at 500 MHz fundamental
frequency, followed by a frequency quadrupler.
LNO 2000 B1 is designed for routine environment (test
equipment, shelter, ground based military equipment...). It is
available in a 95.3mm x 76.2mm x 23.3mm package.
Features
Excellent phase noise performance (typical value) :
o
-132 dBc/Hz @ 1kHz offset
o
-166 dBc/Hz noise floor
Broadband jitter < 10 fs (offset frequencies from 10 kHz to 40 MHz)
Applications
Instrumentation (test equipment, simulator)
Ground based military equipment as per MIL-PRF-28800F, Class 3
Low jitter clock for high speed ADC
Typical phase noise
Test bench: NoiseXT DCNTS
Plot: Individual phase noise


Similar Part No. - LNO2000B1

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
LNO2000B1 RAKON-LNO2000B1 Datasheet
633Kb / 4P
Low Noise Oscillator series OCSO @ 2 GHz
January 2016
More results

Similar Description - LNO2000B1

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO320B1 TEMEX-LNO320B1 Datasheet
600Kb / 4P
Low Noise Oscillator
LNO480B1 TEMEX-LNO480B1 Datasheet
588Kb / 4P
Low Noise Oscillator
LNO500B2 TEMEX-LNO500B2 Datasheet
579Kb / 4P
Low Noise Oscillator
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO640D1 TEMEX-LNO640D1 Datasheet
895Kb / 4P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1000B2 TEMEX-LNO1000B2 Datasheet
537Kb / 4P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO3200B3 TEMEX-LNO3200B3 Datasheet
793Kb / 5P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com