Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56AP54x Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 48Page - STMicroelectronics SPC56AP54x Datasheet HTML 49Page - STMicroelectronics SPC56AP54x Datasheet HTML 50Page - STMicroelectronics SPC56AP54x Datasheet HTML 51Page - STMicroelectronics SPC56AP54x Datasheet HTML 52Page - STMicroelectronics SPC56AP54x Datasheet HTML 53Page - STMicroelectronics SPC56AP54x Datasheet HTML 54Page - STMicroelectronics SPC56AP54x Datasheet HTML 55Page - STMicroelectronics SPC56AP54x Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 105 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
52/105
DocID18340 Rev 6
VDD_HV_REG
SR
5.0 V voltage regulator
supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx + 0.1
VDD_HV_AD
SR
5.0 V ADC supply and high
reference voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_REG – 0.1
VSS_HV_AD
SR
ADC ground and low
reference voltage
—0
0
V
VDD_LV_REGCOR(3),(4) SR Internal supply voltage
V
VSS_LV_REGCOR(3)
SR Internal reference voltage
0
0
V
VDD_LV_CORx(3),(4)
SR Internal supply voltage
V
VSS_LV_CORx(3)
SR Internal reference voltage
0
0
V
TA
SR
Ambient temperature under
bias
–40
125
°C
1. Parametric figures can be out of specification when voltage drops below 4.5 V, however, guaranteeing the full functionality.
In particular, ADC electrical characteristics and I/Os DC electrical specification may not be guaranteed.
2. The difference between each couple of voltage supplies must be less than 100 mV, |VDD_HV_IOy – VDD_HV_IOx | < 100 mV.
3. To be connected to emitter of external NPN. Low voltage supplies are not under user control—these are produced by an
on-chip voltage regulator—but for the device to function properly the low voltage grounds (VSS_LV_xxx) must be shorted to
high voltage grounds (VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast
emitter.
4. The low voltage supplies (VDD_LV_xxx) are not all independent. 
VDD_LV_COR1 and VDD_LV_COR2 are shorted internally via double bonding connections with lines that provide the low
voltage supply to the data flash memory module. Similarly, VSS_LV_COR1 and VSS_LV_COR2 are internally shorted.
VDD_LV_REGCOR and VDD_LV_REGCORx are physically shorted internally, as are VSS_LV_REGCOR and VSS_LV_CORx.
Table 10. Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Min
Max(1)
Unit
Table 11. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Min
Max(1)
Unit
VSS_HV
SR Digital ground
0
0
V
VDD_HV_IOx(2)
SR
3.3 V input/output supply
voltage
—3.0
3.6
V
VSS_HV_IOx
SR Input/output ground voltage
0
0
V
VDD_HV_FL
SR
3.3 V code and data flash
memory supply voltage
—3.0
3.6
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx + 0.1
VSS_HV_FL
SR
Code and data flash
memory ground
—0
0
V
VDD_HV_OSC
SR
3.3 V crystal oscillator
amplifier supply voltage
—3.0
3.6
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx + 0.1
VSS_HV_OSC
SR
3.3 V crystal oscillator
amplifier reference voltage
—0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com