| Electronic Components Datasheet Search |
|
SPC56AP54x Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56AP54x Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 105 page ![]() DocID18340 Rev 6 47/105 SPC56xP54x, SPC56xP60x Package pinouts and signal descriptions 104 G[8] PCR[104] ALT0 ALT1 ALT2 ALT3 — GPIO[104] — CS3_4 — SIUL — DSPI_4 — I/O — O — Slow Medium — 81 97 G[9] PCR[105] ALT0 ALT1 ALT2 ALT3 — GPIO[105] — — — RXD SIUL — — — FlexCAN_1 I/O — — — I Slow Medium — 79 95 G[10] PCR[106] ALT0 ALT1 ALT2 ALT3 GPIO[106] — TXD — SIUL — FlexCAN_1 — I/O — O — Slow Medium — 77 93 G[11] PCR[107] ALT0 ALT1 ALT2 ALT3 GPIO[107] — — — SIUL — — — I/O — — — Slow Medium — 75 91 1. This table concerns Enhanced Full-featured version. Please refer to “SPC56xP54x/SPC56xP60x device configuration difference” table for difference between Enhanced Full-featured, Full-featured, and Airbag configuration. 2. ALT0 is the primary (default) function for each port after reset. 3. Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIU module. PCR[PA] = 00 ALT0; PCR[PA] = 01 ALT1; PCR[PA] = 10 ALT2; PCR[PA] = 11 ALT3. This is intended to select the output functions; to use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the values selected in the PCR[PA] bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 4. Module included on the MCU. 5. Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of the PSMI[PADSELx] bitfields inside the SIUL module. 6. Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register. 7. LQFP176 available only as development package. 8. Weak pull down during reset. Table 7. Pin muxing(1) (continued) Port pin PCR No. Alternate function(2), (3) Functions Peripheral (4) I/O direction (5) Pad speed(6) Pin SRC = 0 SRC = 1 LQFP 100 LQFP 144 LQFP 176(7) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |