Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTS358-CF Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NTS358-CF
Description  350 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS358-CF Datasheet(HTML) 1 Page - Artesyn Technologies

  NTS358-CF Datasheet HTML 1Page - Artesyn Technologies NTS358-CF Datasheet HTML 2Page - Artesyn Technologies NTS358-CF Datasheet HTML 3Page - Artesyn Technologies NTS358-CF Datasheet HTML 4Page - Artesyn Technologies NTS358-CF Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
NTS350 Series
350 Watts
Total Power: 200 - 350 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN6100-3-2 compliance
ƒ
Remote sense
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
5 V standby
ƒ
12 V fan output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
Built in OR-ing diode/FET
ƒ
Optional fan cover (-CF suffix)
ƒ
Optional end fan cover (-CEF suffix)
SAFETY
ƒ
TUV
60950
ƒ
UL
0950
ƒ
CSA
60950
ƒ
cULus
60950 (-CEF)
ƒ
NEMKO
60950
ƒ
AUSTEL 60950
ƒ
CB
Certificate and report
ƒ
CE
Mark (LVD)
ƒ
CCC
Certificate
Electrical Specifications
Input
Input range:
85 - 264 Vac (wide range)
Frequency:
47 - 440 Hz (47- 63 Hz for -CEF versions)
Inrush current:
38 A max., cold start @ 25 °C
Efficiency:
85% typical at full load
EMI filter:
FCC Class B conducted and radiated; CISPR22 Class B conducted
and radiated; EN55022 Class B conducted and radiated;
VDE0878PT3 Class B conducted and radiated.
Safety ground leakage
current:
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power:
200 W for convection; 350 W with 30CFM forced air
Adjustment range:
± 5%
Standby output:
5 V @ 2 A regulated, ± 5%
Fan output:
12 V @ 1 A, -5 %, +7%, 0.5 A for -CF version
Hold-up time:
20 ms @ 350 W load, 115 Vac nominal line at factory voltage setting
Overload protection:
Short circuit protection on all outputs. Case overload protected @
115 - 130% of peak rating
Overvoltage protection:
20 - 35% above nominal output
Data Sheet


Similar Part No. - NTS358-CF

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
NTS358 ASTEC-NTS358 Datasheet
345Kb / 2P
350 Watts
logo
Emerson Network Power
NTS358 EMERSON-NETWORKPOWER-NTS358 Datasheet
725Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS358 ARTESYN-NTS358 Datasheet
891Kb / 5P
Active power factor correction
NTS358 ARTESYN-NTS358 Datasheet
891Kb / 5P
Single wire current sharing
More results

Similar Description - NTS358-CF

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
350-1400 Watts
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
350 Watts
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
350 Watts
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
350 Watts LPS350 Series
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
3501200 Watts
logo
Artesyn Technologies
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
Total Power: 350 Watts
LPQ352-C ARTESYN-LPQ352-C Datasheet
1Mb / 4P
Total Power: 350 Watts
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
350 Watts peak pulse power
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
350 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com