Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTS358-CF Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NTS358-CF
Description  350 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS358-CF Datasheet(HTML) 3 Page - Artesyn Technologies

  NTS358-CF Datasheet HTML 1Page - Artesyn Technologies NTS358-CF Datasheet HTML 2Page - Artesyn Technologies NTS358-CF Datasheet HTML 3Page - Artesyn Technologies NTS358-CF Datasheet HTML 4Page - Artesyn Technologies NTS358-CF Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LPS100-M Series Data Sheet
NTS350 Series Data Sheet
Pin Assignments
Connector
SK1
PIN 1 Line
PIN 3 Neutral
PIN 5 Ground
SK5
PIN 1 V1 swp
PIN 2 - Remote Sense
PIN 3 + Remote Sense
PIN 4 5VSB (standby)
PIN 5 5VSB return
PIN 6 +12V
PIN 7 Common
PIN 8 Inhibit
PIN 9 DC power good (DC OK)
PIN 10 Power Fail (POK)
Adjustment Potentiometers
P1
+V1 Output adjust
P3
+5VSB adjust
Mating Connectors
SK1 AC input
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS:08-52-0113
SK2,3,4
Molex BB-124-08
SK5 Control signals
Molex 90142-0010
PINS: 90119-2110
Or
Amp: 87977-3
PINS: 87309-8
Artesyn Embedded Technologies Connector Kit #70-841-022 includes all of the above
1.Specifications subject to change without
2.All dimensions in inches (mm), tolerance is ± 0.2”.
3.Specifications are at factory settings
4.Mounting maximum insertion depth is 0.12”.
5.Warranty: 2 year
6.Weight: NTS35X 1.65 lbs/750g. NTS35X-CF 2 lbs/909g. NTS35X-CEF 2.25 lbs/1022g.
1
5
610



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com