Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9638D013TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9638D013TR
Description  LIN BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9638D013TR Datasheet(HTML) 4 Page - STMicroelectronics

  L9638D013TR Datasheet HTML 1Page - STMicroelectronics L9638D013TR Datasheet HTML 2Page - STMicroelectronics L9638D013TR Datasheet HTML 3Page - STMicroelectronics L9638D013TR Datasheet HTML 4Page - STMicroelectronics L9638D013TR Datasheet HTML 5Page - STMicroelectronics L9638D013TR Datasheet HTML 6Page - STMicroelectronics L9638D013TR Datasheet HTML 7Page - STMicroelectronics L9638D013TR Datasheet HTML 8Page - STMicroelectronics L9638D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
L9638
4/14
2.10
dVLIN/dt
Slew rate falling edge
From 90% to 10% of VLIN
-3
-2
-1
V/
µs
2.11
tsym
Rising/ Falling edge
symmetry
tsym= tslope_fall - tslope_rise
-5
-5
µs
2.12
ttrans_pd
Propagation delay of
transmitter
See Fig.2
ttrans_pd = max (ttrans_pdr,
trans_pdf)
4
µs
2.13
trec_pd
Propagation delay of
receiver
See Fig.2
trec_pd = max (trec_pdr, trec_pdf)
6
µs
2.14
trec_sym
Symmetry of receiver
propagation delay rising
edge w.r.t. falling edge
See Fig.2
trec_sym= (trec_pdf -trec_pdr)
-2
2
µs
2.15
ttrans_sym
Symmetry of transmitter
propagation delay rising
edge w.r.t. falling edge
See Fig.2
ttrans_sym = (ttrans_pdf -ttrans_pdr)
-2
2
µs
2.16
tLINgs
Bus wake-up glitch
suppression time
See Fig.3 VLIN = VLINLow
40
100
µs
3
Transmission Input TxD
3.1
VTxDLow
Input Voltage dominant
state
1.5
V
3.2
VTxDHigh
Input Voltage recessive
state
3.5
V
3.3
RTxD
TxD pull up resistor
5
10
25
K
Ω
4
Receive Output RxD
4.1
VRxDLow
Output Voltage dominant
state
IRxD = 2mA
1.5
V
4.2
VRxDHigh
Output Voltage recessive
state
IRxD
≥10µA4.5
V
4.3
RRxD
RxD pull up resistor
5
10
25
k
Ω
5
Inhibit Output INH
5.1
RON(INH)
Switch on resistance
between Vs and INH
IINH=-15mA; Vs=13.5V
20
40
Ω
5.2
ION(INH)
INH output current
Normal or stand-by mode
15
30
50
mA
5.3
ROFF(INH)
Switch off INH pull down
resistor
510
25
k
Ω
6
Wake Up Input WUP
6.1
VWUPLow
Low level input voltage
1.5
V
6.2
VWUPHigh
High level input voltage
3.5
Vs+0.
3
V
Table 5. Electrical Characteristics (continued)
(VS = 6V to 26V; TJ = -40 to 150 °C unless otherwise specified)
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com