Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9638D013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9638D013TR
Description  LIN BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9638D013TR Datasheet(HTML) 5 Page - STMicroelectronics

  L9638D013TR Datasheet HTML 1Page - STMicroelectronics L9638D013TR Datasheet HTML 2Page - STMicroelectronics L9638D013TR Datasheet HTML 3Page - STMicroelectronics L9638D013TR Datasheet HTML 4Page - STMicroelectronics L9638D013TR Datasheet HTML 5Page - STMicroelectronics L9638D013TR Datasheet HTML 6Page - STMicroelectronics L9638D013TR Datasheet HTML 7Page - STMicroelectronics L9638D013TR Datasheet HTML 8Page - STMicroelectronics L9638D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
L9638
Note:
1. Room temperature evaluated - no 100% tested
6.3
tWUPgs
Remote wake-up delay time
Transitioning on WUP
40
100
µs
7
Enable Input EN
7.1
VENLow
Low level input voltage
1.5
V
7.2
VENHigh
High level input voltage
3.5
V
7.3
REN
EN pull down resistor
5
10
25
K
Ω
7.4
tgts
Go to sleep delay time
VEN = VENlow
40
100
µs
7.5
tENgs
EN wake-up glitch
suppression time
VEN = VENhigh
40
100
µs
8
AC Timing Parameters
8.1
D1
Duty Cycle 1
THRec(max) = 0.744 x VSUP;
THDom(max) = 0.581 x VSUP;
Vsup = 7.0 to 18V; tbit = 50
µs;
D1 = tBus_rec(min)/2 x tBit
(CBUS; RBUS) 1nF; 1k
Ω/6.8nF;
660
Ω/10nF; 500Ω
0.396
8.2
D2
Duty Cycle 2
THRec(min) = 0.284 x VSUP;
THDom(min) = 0.422 x VSUP;
Vsup = 7.6 to 18V; tbit = 50
µs;
D2 = tBus_rec(min)/2 x tBit
(CBUS; RBUS) 1nF; 1k
Ω/6.8nF;
660
Ω/10nF; 500Ω
0.581
8.3
D3
Duty Cycle 3
THRec(max) = 0.778 x VSUP;
THDom(max) = 0.616 x VSUP;
Vsup = 7.0 to 18V; tbit = 96
µs;
D3 = tBus_rec(min)/2 x tBit
(CBUS; RBUS) 1nF; 1k
Ω/6.8nF;
660
Ω/10nF; 500Ω
0.417
8.4
D4
Duty Cycle 4
THRec(min) = 0.251 x VSUP;
THDom(min) = 0.389 x VSUP;
Vsup = 7.6 to 18V; tbit = 96
µs;
D4 = tBus_rec(min)/2 x tBit
(CBUS; RBUS) 1nF; 1k
Ω/6.8nF;
660
Ω/10nF; 500Ω
0.591
9
Fault Conditions
9.1
ILIN_NO_GND
LIN current with GND
disconnected
GND = Vs = 12V
0V< VLIM < 18V
(1)
-1
1
mA
9.2
ILIN_NO_Vs
LIN current with VS
grounded
V = GND, 0V < VLIN < 18V
(1)
100
µA
Table 5. Electrical Characteristics (continued)
(VS = 6V to 26V; TJ = -40 to 150 °C unless otherwise specified)
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com