Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS25H Datasheet(PDF) 6 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 2Page - STMicroelectronics LPS25H Datasheet HTML 3Page - STMicroelectronics LPS25H Datasheet HTML 4Page - STMicroelectronics LPS25H Datasheet HTML 5Page - STMicroelectronics LPS25H Datasheet HTML 6Page - STMicroelectronics LPS25H Datasheet HTML 7Page - STMicroelectronics LPS25H Datasheet HTML 8Page - STMicroelectronics LPS25H Datasheet HTML 9Page - STMicroelectronics LPS25H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Block diagram and pin description
LPS25H
6/45
DocID023722 Rev 5
Table 2. Pin description
Pin n°
Name
Function
1
VDD_IO
Power supply for I/O pins
2
SCL
SPC
I²C serial clock (SCL)
SPI serial port clock (SPC)
3
Reserved
Connect to GND
4
SDA
SDI
SDI/SDO
I²C serial data (SDA)
4-wire SPI serial data input (SDI)
3-wire serial data input /output (SDI/SDO)
5
SDO
SA0
4-wire SPI serial data output (SDO)
I²C less significant bit of the device address (SA0)
6CS
SPI enable
I²C/SPI mode selection (1: I²C mode; 0: SPI enabled)
7
INT1
Interrupt 1 (or data ready)
8
GND
0 V supply
9
GND
0 V supply
10
VDD
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com