Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS25H Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 1 Page - STMicroelectronics

  LPS25H Datasheet HTML 1Page - STMicroelectronics LPS25H Datasheet HTML 2Page - STMicroelectronics LPS25H Datasheet HTML 3Page - STMicroelectronics LPS25H Datasheet HTML 4Page - STMicroelectronics LPS25H Datasheet HTML 5Page - STMicroelectronics LPS25H Datasheet HTML 6Page - STMicroelectronics LPS25H Datasheet HTML 7Page - STMicroelectronics LPS25H Datasheet HTML 8Page - STMicroelectronics LPS25H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
This is information on a product still in production but not recommended for new designs.
April 2016
DocID023722 Rev 5
1/45
LPS25H
MEMS pressure sensor: 260-1260 hPa absolute
digital output barometer
Datasheet
- not recommended for new design
Features
• 260 to 1260 hPa absolute pressure range
• High-resolution mode: 1 Pa RMS
• Low power consumption:
– Low resolution mode: 4 µA
– High resolution mode: 25 µA
• High overpressure capability: 20x full scale
• Embedded temperature compensation
• Embedded 24-bit ADC
• Selectable ODR from 1 Hz to 25 Hz
• SPI and I²C interfaces
• Embedded FIFO
• Supply voltage: 1.7 to 3.6 V
• High shock survivability: 10,000 g
• Small and thin package
• ECOPACK® lead-free compliant
Applications
• Altimeter and barometer for portable devices
• GPS applications
• Weather station equipment
• Sport watches
Description
The LPS25H is an ultra compact absolute
piezoresistive pressure sensor. It includes a
monolithic sensing element and an IC interface
able to take the information from the sensing
element and to provide a digital signal to the
external world.
The sensing element consists of a suspended
membrane realized inside a single mono-silicon
substrate. It is capable to detect the absolute
pressure and is manufactured with a dedicated
process developed by ST.
The membrane is very small compared to the
traditionally built silicon micromachined
membranes. Membrane breakage is prevented
by an intrinsic mechanical stopper.
The IC interface is manufactured using a standard
CMOS process that allows a high level of
integration to design a dedicated circuit which is
trimmed to better match the sensing element
characteristics.
The LPS25H is available in a cavity holed LGA
package (HCLGA). It is guaranteed to operate
over a temperature range extending from -30 °C
to +105 °C. The package is holed to allow
external pressure to reach the sensing element.
HCLGA-10L
(2.5 x 2.5 x 1.0 mm)
Table 1. Device summary
Order code
Temperature range [°C]
Package
Packing
LPS25HTR
-30 to +105
HCLGA-10L
Tape and reel
LPS25H
Tray
www.st.com


Similar Part No. - LPS25H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS25HBTR STMICROELECTRONICS-LPS25HBTR Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
More results

Similar Description - LPS25H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100BF SII-S-8100BF Datasheet
284Kb / 6P
CMOS TEMPERATURE COMPENSATION IC
S-8101A SII-S-8101A Datasheet
284Kb / 6P
CMOS TEMPERATURE COMPENSATION IC
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
Built-in temperature compensation diodes
logo
EPCOS
B57045K0102K000 EPCOS-B57045K0102K000 Datasheet
54Kb / 3P
Temperature compensation (chassis mounting)
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
Temperature Compensation/Sensing
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
Digital Temperature Compensation
Rev 2; 1/15
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com