Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS35HW Datasheet(PDF) 3 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 3 Page - STMicroelectronics

  LPS35HW Datasheet HTML 1Page - STMicroelectronics LPS35HW Datasheet HTML 2Page - STMicroelectronics LPS35HW Datasheet HTML 3Page - STMicroelectronics LPS35HW Datasheet HTML 4Page - STMicroelectronics LPS35HW Datasheet HTML 5Page - STMicroelectronics LPS35HW Datasheet HTML 6Page - STMicroelectronics LPS35HW Datasheet HTML 7Page - STMicroelectronics LPS35HW Datasheet HTML 8Page - STMicroelectronics LPS35HW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LPS35HW
Contents
DocID029129 Rev 1
3/48
7
Registers address map ................................................................. 29
8
Register description...................................................................... 31
8.1
INTERRUPT_CFG (0Bh) ................................................................ 31
8.2
THS_P_L (0Ch)............................................................................... 32
8.3
THS_P_H (0Dh) .............................................................................. 32
8.4
WHO_AM_I ..................................................................................... 32
8.5
CTRL_REG1 (10h).......................................................................... 33
8.6
CTRL_REG2 (11h).......................................................................... 34
8.7
CTRL_REG3 (12h).......................................................................... 35
8.8
FIFO_CTRL (14h) ........................................................................... 36
8.9
REF_P_XL (15h)............................................................................. 37
8.10
REF_P_L_16h................................................................................. 37
8.11
REF_P_H_17h ................................................................................ 37
8.12
RPDS_L_18h .................................................................................. 38
8.13
RPDS_H_19h.................................................................................. 38
8.14
RES_CONF_1Ah ............................................................................ 38
8.15
INT_SOURCE_25h ......................................................................... 39
8.16
FIFO_STATUS_26h........................................................................ 39
8.17
STATUS_27h .................................................................................. 40
8.18
PRESS_OUT_XL_28h .................................................................... 40
8.19
PRESS_OUT_L_29h ...................................................................... 42
8.20
PRESS_OUT_H_2Ah ..................................................................... 42
8.21
TEMP_OUT_L_2Bh ........................................................................ 42
8.22
TEMP_OUT_H_2Ch ....................................................................... 43
8.23
LPFP_RES_33h.............................................................................. 43
9
Package information ..................................................................... 44
9.1
CCLGA10L package information..................................................... 44
9.2
CCLGAA10L packing information ................................................... 45
10
Revision history ............................................................................ 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com