Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP34DT05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MP34DT05
Description  MEMS audio sensor omnidirectional digital microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MP34DT05 Datasheet HTML 2Page - STMicroelectronics MP34DT05 Datasheet HTML 3Page - STMicroelectronics MP34DT05 Datasheet HTML 4Page - STMicroelectronics MP34DT05 Datasheet HTML 5Page - STMicroelectronics MP34DT05 Datasheet HTML 6Page - STMicroelectronics MP34DT05 Datasheet HTML 7Page - STMicroelectronics MP34DT05 Datasheet HTML 8Page - STMicroelectronics MP34DT05 Datasheet HTML 9Page - STMicroelectronics MP34DT05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Acoustic and electrical specifications
MP34DT05
6/21
DocID029902 Rev 1
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 1.8 V, Clock = 2.4 MHz,
T = 25 °C, unless otherwise noted.
Table 3: Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. (1)
Max.
Unit
Vdd
Supply voltage
1.6
1.8
3.6
V
Idd
Current consumption in normal mode
Mean value
650
µA
IddPdn
Current consumption in power-down mode (2)
5
µA
Scc
Short-circuit current
1
10
mA
AOP
Acoustic overload point
122.5
dBSPL
So
Sensitivity
-29
-26
-23
dBFS
SNR
Signal-to-noise ratio
A-weighted @1 kHz,
94 dB SPL
64
dB(A)
PSR
Power supply rejection
100 mVpp sine 1 kHz
-72
dBFS
fCLK
Input clock frequency (3)
1.2
2.4
3.25
MHz
Ton
Turn-on time (4)
Guaranteed by design
10
ms
Top
Operating temperature range
-40
+85
°C
VIOL
Low-level logic input/output voltage
Iout = 1 mA
-0.3
0.35xVdd
V
VIOH
High-level logic input/output voltage
Iout = 1 mA
0.65xVdd
Vdd+0.3
V
CLOAD
Capacitive load
100
pF
Notes:
(1)Typical specifications are not guaranteed.
(2)Input clock in static mode.
(3)Duty cycle: min = 40% max = 60%.
(4)Time from the first clock edge to valid output data.
Table 4: Distortion specifications @ 1 kHz
Parameter
Test condition
Typical value (1)
Distortion
94 dBSPL
0.2% THD + N
Distortion
110 dBSPL
0.7% THD + N
Distortion
120 dBSP
6% THD + N
Notes:
(1)Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com