Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP34DT05 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MP34DT05
Description  MEMS audio sensor omnidirectional digital microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT05 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MP34DT05 Datasheet HTML 8Page - STMicroelectronics MP34DT05 Datasheet HTML 9Page - STMicroelectronics MP34DT05 Datasheet HTML 10Page - STMicroelectronics MP34DT05 Datasheet HTML 11Page - STMicroelectronics MP34DT05 Datasheet HTML 12Page - STMicroelectronics MP34DT05 Datasheet HTML 13Page - STMicroelectronics MP34DT05 Datasheet HTML 14Page - STMicroelectronics MP34DT05 Datasheet HTML 15Page - STMicroelectronics MP34DT05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Process recommendations
MP34DT05
12/21
DocID029902 Rev 1
5
Process recommendations
To ensure a consistent manufacturing process it is strongly advised to comply with
following recommendations:
•
The recommended pick-up area for the MP34DT05 package must be defined using
the worst case (ie. no device alignment during picking process). This area has been
defined considering all the tolerances of the components involved (reel, package,
sound inlet). Picker tolerance shall be considered as well.
•
To prevent damage to the MEMS membrane or incorrect pick-up and placement, do
not pick up the component on the inlet area
•
For the package outline please refer to Figure 7: "Carrier tape with microphone (top
view)". Nozzle shape, size, and placement accuracy are the other key factors to
consider when deciding on the coordinates for the picking.
•
Device alignment before picking is highly recommended.
•
A vacuum force greater than 7 psi must be avoided
•
1 kPa = 0.145 psi (lb/in²) = 0.0102 kgf/cm² = 0.0098 atm
•
MSL (moisture sensitivity level) Class 3
•
Maximum of 3 reflow cycles is recommended
•
All recommended dimensions (device safe-picking area) do not include the pick-and-
place equipment tolerances
Figure 8: Recommended picking area
To have a safe pick-up "by design", ST strongly advises an ad hoc nozzle.
The following picker ensures that the holes for the vacuum and the air stream are ALWAYS
away from the porthole of the device (4 vacuum ports located at each corner of the device).
The recommended nozzle also has a recess, in the form of a cross, which guarantees that
the porthole is always left at atmospheric pressure. By using the recommended nozzle, the
membrane will not suffer any sudden air disturbances during the picking or placing of the
devices in the tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com