Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T141 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 5Page - STMicroelectronics STM8T141 Datasheet HTML 6Page - STMicroelectronics STM8T141 Datasheet HTML 7Page - STMicroelectronics STM8T141 Datasheet HTML 8Page - STMicroelectronics STM8T141 Datasheet HTML 9Page - STMicroelectronics STM8T141 Datasheet HTML 10Page - STMicroelectronics STM8T141 Datasheet HTML 11Page - STMicroelectronics STM8T141 Datasheet HTML 12Page - STMicroelectronics STM8T141 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
STM8T141
Pin descriptions
Doc ID 15699 Rev 7
9/50
3
Pin descriptions
Figure 2.
S08 pinout
Figure 3.
UFDFPN8 pinout
Table 2.
STM8T141 pin descriptions
Pin no.
PIn type(1)
1.
I: input pin, OD: open drain, PP: output push-pull pin, S: supply pin and SNS: capacitive sensing pin.
Pin name
Pin function
SO8
UFDFPN8
1S
VSS
Ground
2SNS
CS
Capacitive sensing channel pin to
CS
(2)
2.
Use COG or NPO capacitor type.
3SNS
CX
Capacitive sensing channel pin to RX
4I
SHLDIN(3)
3.
If the active shield is unused, please connect this pin to VSS.
Shield input
5S
VREG
Internal voltage regulator output (4)
4.
Requires a low ESR, 1µF capacitor to ground. This output must not be used to power other devices.
6
OD
SHLDOUT
Shield output
7S
VDD
Supply voltage
8PP
TOUT/POUT
Touch/proximity(5) output
(active high)
5.
Depending on the value of bits [1:0] of OPT0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com