Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T141 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8T141 Datasheet HTML 1Page - STMicroelectronics STM8T141 Datasheet HTML 2Page - STMicroelectronics STM8T141 Datasheet HTML 3Page - STMicroelectronics STM8T141 Datasheet HTML 4Page - STMicroelectronics STM8T141 Datasheet HTML 5Page - STMicroelectronics STM8T141 Datasheet HTML 6Page - STMicroelectronics STM8T141 Datasheet HTML 7Page - STMicroelectronics STM8T141 Datasheet HTML 8Page - STMicroelectronics STM8T141 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
June 2011
Doc ID 15699 Rev 7
1/50
1
STM8T141
Single-channel capacitive sensor for touch
or proximity detection with shielded sensing electrode
Features
Touch or proximity detection (a few
centimeters)
Built-in driven shield function:
– Enhance proximity detection
– Protect sensing electrode from noise
interference
Ultra-low power modes suitable for battery
applications (11 µA in extreme low power
mode)
On-chip integrated voltage regulator
Environment compensation filter
User programmable options include:
– Four detection thresholds
– Four output modes
– Four low power modes
– Reference freeze timeout
Minimal external components
Applications
Consumer electronics
Power-critical and battery applications
– Wake-up on proximity
Home and office appliances
– Find-in-the-dark (FITD) applications using
proximity detection
– Sanitary ware and white goods
Flameproof human interface devices for use in
hazardous environments
Table 1.
Device summary
Feature
STM8T141
Operating supply voltage
2.0 V to 5.5 V
Supported interface
Single key state output
Operating temperature
–40° to +85 °C
Packages
8-pin SO
8-pin UFDFPN
SO8
UFDFPN8
(2 x 3 mm)
(narrow)
www.st.com


Similar Part No. - STM8T141

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8T141-EVAL STMICROELECTRONICS-STM8T141-EVAL Datasheet
67Kb / 3P
STM8T141-EVAL evaluation kit
14-Oct-2010
More results

Similar Description - STM8T141

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
logo
STMicroelectronics
STM8T143AU62TTR STMICROELECTRONICS-STM8T143AU62TTR Datasheet
1Mb / 65P
Single-channel capacitive sensor for touch and proximity detection
18-Oct-2013
logo
Microchip Technology
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
logo
List of Unclassifed Man...
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity/Touch Controller with movement detection
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
Microchip Technology
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
logo
List of Unclassifed Man...
IQS621 ETC-IQS621_V01 Datasheet
2Mb / 79P
Combination sensor with ambient light sensing (ALS), capacitive proximity/touch, Halleffect sensor & inductive sensing capabilities
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com