Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACST310-8FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST310-8FP
Description  Overvoltage protected AC switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST310-8FP Datasheet(HTML) 3 Page - STMicroelectronics

  ACST310-8FP Datasheet HTML 1Page - STMicroelectronics ACST310-8FP Datasheet HTML 2Page - STMicroelectronics ACST310-8FP Datasheet HTML 3Page - STMicroelectronics ACST310-8FP Datasheet HTML 4Page - STMicroelectronics ACST310-8FP Datasheet HTML 5Page - STMicroelectronics ACST310-8FP Datasheet HTML 6Page - STMicroelectronics ACST310-8FP Datasheet HTML 7Page - STMicroelectronics ACST310-8FP Datasheet HTML 8Page - STMicroelectronics ACST310-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID027577 Rev 2
3/14
ACST310-8FP
Characteristics
14
Table 4. Static characteristics
Symbol
Test conditions
Value
Unit
VTM(1) ITM = 4.2 A, tp = 380 µs
TJ = 25 °C
MAX.
1.8
V
VTO
(1)
Threshold voltage
TJ = 125°C
MAX.
0.9
V
RD
(1)
Dynamic resistance
TJ = 125 °C
MAX.
200
m
Ω
IDRM
IRRM
VOUT = VDRM / VRRM
TJ = 25 °C
MAX.
10
µA
TJ = 125 °C
500
µA
1. For both polarities of OUT pin referenced to COM pin
Table 5. Thermal characteristics
Symbol
Parameter
Value
Unit
Rth(j-c) Junction to case (AC)
6.5
°C/W
Rth(j-a) Junction to ambient
60
°C/W
Figure 2. Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 3. On-state RMS current versus case
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com