Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT10N120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SCT10N120
Description  High voltage DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT10N120 Datasheet(HTML) 3 Page - STMicroelectronics

  SCT10N120 Datasheet HTML 1Page - STMicroelectronics SCT10N120 Datasheet HTML 2Page - STMicroelectronics SCT10N120 Datasheet HTML 3Page - STMicroelectronics SCT10N120 Datasheet HTML 4Page - STMicroelectronics SCT10N120 Datasheet HTML 5Page - STMicroelectronics SCT10N120 Datasheet HTML 6Page - STMicroelectronics SCT10N120 Datasheet HTML 7Page - STMicroelectronics SCT10N120 Datasheet HTML 8Page - STMicroelectronics SCT10N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SCT10N120
Electrical ratings
DocID027662 Rev 2
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
1200
V
VGS
Gate-source voltage
-10 to 25
V
ID
Drain current (continuous) at TC = 25 °C
12
A
ID
Drain current (continuous) at TC = 100 °C
10
A
IDM
(1)
Drain current (pulsed)
24
A
PTOT
Total dissipation at TC = 25 °C
150
W
Tstg
Storage temperature range
-55 to 200
°C
Tj
Operating junction temperature range
°C
Notes:
(1)
Pulse width limited by safe operating area.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.17
°C/W
Rthj-amb
Thermal resistance junction-ambient max
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com