Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT10N120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SCT10N120
Description  High voltage DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT10N120 Datasheet(HTML) 5 Page - STMicroelectronics

  SCT10N120 Datasheet HTML 1Page - STMicroelectronics SCT10N120 Datasheet HTML 2Page - STMicroelectronics SCT10N120 Datasheet HTML 3Page - STMicroelectronics SCT10N120 Datasheet HTML 4Page - STMicroelectronics SCT10N120 Datasheet HTML 5Page - STMicroelectronics SCT10N120 Datasheet HTML 6Page - STMicroelectronics SCT10N120 Datasheet HTML 7Page - STMicroelectronics SCT10N120 Datasheet HTML 8Page - STMicroelectronics SCT10N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SCT10N120
Electrical characteristics
DocID027662 Rev 2
5/14
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 800 V, ID = 6 A,
RG = 10 Ω,
VGS = -5 to 20 V
-
7
-
ns
tf
Fall time
-
17
-
ns
td(off)
Turn-off delay time
-
14
-
ns
tr
Rise time
-
12
-
ns
Table 8: Reverse SiC diode characteristics
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VSD
Diode forward voltage
IF = 6 A, VGS = 0 V
-
4.3
-
V
trr
Reverse recovery time
ISD = 6 A,
di/dt = 2000 A/µs
VDD = 800 V, TJ=150 °C
-
16
-
ns
Qrr
Reverse recovery charge
-
107
-
nC
IRRM
Reverse recovery current
-
12
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com