Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD52P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD52P3LLH6
Description  P-channel 30 V, 0.01 Ω typ., 52 A, STripFET™H6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD52P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STD52P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2014
DocID025835 Rev 2
1/16
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
STD52P3LLH6
P-
channel 30 V, 0.01 Ω typ., 52 A, STripFET™ H6
Power MOSFET in a DPAK package
Datasheet - preliminary data
Figure 1: Internal schematic diagram
Features
Order codes
VDSS
RDS(on) max
ID
PTOT
STD52P3LLH6
30 V
0.012 Ω
52 A
70 W
Very low on-resistance
Very low gate charge
High avalanche
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using t
he STripFET™ H6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order codes
Marking
Package
Packaging
STD52P3LLH6 52P3LLH6
DPAK
Tape and
reel
For the P-channel Power MOSFETs the
actual polarity of the voltages and the
current must be reversed.


Similar Part No. - STD52P3LLH6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD52P3LLH6 ISC-STD52P3LLH6 Datasheet
326Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - STD52P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD37P3H6AG STMICROELECTRONICS-STD37P3H6AG Datasheet
313Kb / 16P
Automotive-grade P-channel -30 V, 11 mΩ typ., -49 A STripFET™H6 Power MOSFET in a DPAK package
05-Aug-2015
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
P-channel -30 V, 12 mΩ typ., -40 A STripFET™H6 Power MOSFET in a DPAK package
30-Mar-2016
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
P-channel -30 V, 11 mΩ typ., -45 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 5x6 package
April 2016 Rev 1
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
P-channel -30 V, 9 mΩ typ., -62 A STripFET™ H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STS5P3LLH6 STMICROELECTRONICS-STS5P3LLH6 Datasheet
538Kb / 15P
P-channel 30 V, 0.048 Ω typ., 5 A STripFET™ H6 DeepGATE™ Power MOSFET in an SO-8 package
December 2014 Rev 2
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STS5DP3LLH6 STMICROELECTRONICS-STS5DP3LLH6 Datasheet
711Kb / 14P
Dual P-channel -30 V, 48 mΩ typ., -5 A, STripFET™ H6 Power MOSFET in an SO-8 package
17-Jan-2018
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com