Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD52P3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD52P3LLH6
Description  P-channel 30 V, 0.01 Ω typ., 52 A, STripFET™H6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD52P3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STD52P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD52P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD52P3LLH6
4/16
DocID025835 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage drain current
VGS = 0, VDS = 30 V
VGS = 0, VDS = 30 V,
Tc = 125 °C
1
µA
10
µA
IGSS
Gate body leakage current
VGS = ± 20 V, VDS = 0
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 26 A
0.01
0.012
Ω
VGS = 4.5 V, ID = 26 A
0.014
0.017
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
3350
-
pF
Coss
Output capacitance
-
414
-
pF
Crss
Reverse transfer capacitance
-
287
-
pF
Qg
Total gate charge
VDD = 15 V, ID = 52 A
VGS = 4.5 V
(see Figure 14: "Gate
charge test circuit" )
-
33
-
nC
Qgs
Gate-source charge
-
14
-
nC
Qgd
Gate-drain charge
-
11
-
nC
Rg
Gate input resistance
ID = 0
Gate bias = 0
Test signal level = 20 mV
f = 1MHz
-
1.5
Ω
For the P-channel Power MOSFETs the actual polarity of the voltages and the
current must be reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com