Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF12N120K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF12N120K5
Description  Ultra low gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12N120K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STF12N120K5 Datasheet HTML 1Page - STMicroelectronics STF12N120K5 Datasheet HTML 2Page - STMicroelectronics STF12N120K5 Datasheet HTML 3Page - STMicroelectronics STF12N120K5 Datasheet HTML 4Page - STMicroelectronics STF12N120K5 Datasheet HTML 5Page - STMicroelectronics STF12N120K5 Datasheet HTML 6Page - STMicroelectronics STF12N120K5 Datasheet HTML 7Page - STMicroelectronics STF12N120K5 Datasheet HTML 8Page - STMicroelectronics STF12N120K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID026396 Rev 2
3/16
STF12N120K5, STFW12N120K5
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
TO-3PF
VGS
Gate-source voltage
± 30
V
ID
Drain current at TC = 25 °C
12
A
ID
Drain current at TC = 100 °C
7.6
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
48
A
PTOT
Total dissipation at TC = 25 °C
40
63
W
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s, TC = 25 °C)
2500
3500
V
IAR
(2)
2.
Pulse width limited by TJmax.
Max current during repetitive or single
pulse avalanche
4A
EAS
(3)
3.
Starting TJ = 25 °C, ID=IAS, VDD= 50 V
Single pulse avalanche energy
215
mJ
dv/dt (4)
4.
ISD ≤ 12 A, di/dt ≤ 100 A/µs, VPeak ≤ V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
dv/dt (5)
5.
VDS ≤ 960 V
MOSFET dv/dt ruggedness
50
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
TO-3PF
Rthj-case
Thermal resistance junction-case max
3.1
1.98
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com