Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574MT/NOPB
Description  SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5574MT/NOPB Datasheet HTML 12Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 13Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 14Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 15Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 18Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 100.000 Hz
10k
STOP 100 000.000 Hz
/DIV
10.000 dB
45.000 deg
100k
GAIN
PHASE
0
LM5574, LM5574-Q1
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Capacitor C2 provides filtering for the divider. The voltage at the SD pin should never exceed 8V, when using an
external set-point divider it may be necessary to clamp the SD pin at high input voltage conditions. The reference
design utilizes the full range of the LM5574 (6V to 75V); therefore these components can be omitted. With the
SD pin open circuit the LM5574 responds once the Vcc UVLO threshold is satisfied.
R4, C5, C6
These components configure the error amplifier gain characteristics to accomplish a stable overall loop gain. One
advantage of current mode control is the ability to close the loop with only two feedback components, R4 and C5.
The overall loop gain is the product of the modulator gain and the error amplifier gain. The DC modulator gain of
the LM5574 is as follows:
DC Gain(MOD) = Gm(MOD) x RLOAD = 0.5 x RLOAD
(13)
The dominant low frequency pole of the modulator is determined by the load resistance (RLOAD,) and output
capacitance (COUT). The corner frequency of this pole is:
fp(MOD) = 1 / (2π RLOAD COUT)
(14)
For RLOAD = 20Ω and COUT = 22µF then fp(MOD) = 362Hz
DC Gain(MOD) = 0.5 x 20 = 20dB
For the design example of Figure 9 the following modulator gain vs. frequency characteristic was measured as
shown in Figure 17.
Figure 17. Gain and Phase of Modulator RLOAD = 20 Ohms and COUT = 22µF
Components R4 and C5 configure the error amplifier as a type II configuration which has a pole at DC and a
zero at fZ = 1 / (2πR4C5). The error amplifier zero cancels the modulator pole leaving a single pole response at
the crossover frequency of the loop gain. A single pole response at the crossover frequency yields a very stable
loop with 90 degrees of phase margin.
For the design example, a target loop bandwidth (crossover frequency) of 25kHz was selected. The
compensation network zero (fZ) should be selected at least an order of magnitude less than the target crossover
frequency. This constrains the product of R4 and C5 for a desired compensation network zero 1 / (2
π R4 C5) to
be less than 2kHz. Increasing R4, while proportionally decreasing C5, increases the error amp gain. Conversely,
decreasing R4 while proportionally increasing C5, decreases the error amp gain. For the design example C5 was
selected for 0.022µF and R4 was selected for 24.9k
Ω. These values configure the compensation network zero at
290Hz. The error amp gain at frequencies greater than fZ is: R4 / R5, which is approximately 5 (14dB).
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com