Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574MT/NOPB
Description  SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5574MT/NOPB Datasheet HTML 13Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 14Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 15Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 16Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 17Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 18Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 19Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 20Page - Texas Instruments LM5574MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 100.000 Hz
10k
STOP 100 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
100k
GAIN
PHASE
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 100.000 Hz
10k
STOP 100 000.000 Hz
/DIV
10.000 dB
45.000 deg
100k
GAIN
PHASE
0
LM5574, LM5574-Q1
www.ti.com
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
Figure 18. Error Amplifier Gain and Phase
The overall loop can be predicted as the sum (in dB) of the modulator gain and the error amp gain.
Figure 19. Overall Loop Gain and Phase
If a network analyzer is available, the modulator gain can be measured and the error amplifier gain can be
configured for the desired loop transfer function. If a network analyzer is not available, the error amplifier
compensation components can be designed with the guidelines given. Step load transient tests can be
performed to verify acceptable performance. The step load goal is minimum overshoot with a damped response.
C6 can be added to the compensation network to decrease noise susceptibility of the error amplifier. The value
of C6 must be sufficiently small since the addition of this capacitor adds a pole in the error amplifier transfer
function. This pole must be well beyond the loop crossover frequency. A good approximation of the location of
the pole added by C6 is: fp2 = fz x C5 / C6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com