Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH185N10F3-2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STH185N10F3-2
Description  Switching applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH185N10F3-2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STH185N10F3-2 Datasheet HTML 3Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 4Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 5Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 6Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 7Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 8Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 9Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 10Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STH185N10F3-2
Electrical characteristics
DocID026910 Rev 3
7/15
VSD
0
40
ISD(A)
(V)
20
100
60
80
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=-55°C
TJ=175°C
TJ=25°C
120
AM08624v1
Figure 8: Gate charge vs gate-source voltage
Figure 9: Capacitance variations
Figure 10: Normalized gate threshold voltage vs
temperature
Figure 11: Normalized on-resistance vs temperature
Figure 12: Source-drain diode forward characteristics
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=50V
ID=120 A
100
12
120 140
AM08620v1
C
15000
10000
5000
0
0
40
VDS(V)
(pF)
20
20000
60
Ciss
Coss
Crss
80
100
AM08621v1
VGS(th)
0.9
0.7
0.5
0.3
-75
TJ(°C)
(norm)
-25
1.1
75
25
125
175
1.3
ID=250µ A
AM08622v1
RDS(on)
1.1
0.9
0.7
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
175
1.3
1.5
1.7
1.9
2.1
ID=60 A
VGS=10V
AM08623v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com