Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH185N10F3-2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STH185N10F3-2
Description  Switching applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH185N10F3-2 Datasheet(HTML) 4 Page - STMicroelectronics

  STH185N10F3-2 Datasheet HTML 1Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 2Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 3Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 4Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 5Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 6Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 7Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 8Page - STMicroelectronics STH185N10F3-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STH185N10F3-2
4/15
DocID026910 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0, ID = 250 µA
100
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS= 100 V,
10
µA
VGS = 0, VDS = 100 V, (1)
TC =125°C
100
µA
IGSS
Gate body leakage current
VDS = 0, VGS = ±20 V
±200
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 60 A
3.9
4.5
mΩ
Notes:
(1)Defined by design, not subject to production test
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 25 V,
f = 1 MHz
-
6665
-
pF
Coss
Output capacitance
-
786
-
pF
Crss
Reverse transfer
capacitance
-
49
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 120 A,
VGS = 10 V
(see Figure 14: "Test circuit
for gate charge behavior")
-
114.6
-
nC
Qgs
Gate-source charge
-
38.8
-
nC
Qgd
Gate-drain charge
-
31.9
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 60 A
RG =
4.7 Ω VGS = 10 V
(see Figure 13: "Test circuit
for resistive load switching
times" and Figure 18:
"Switching time waveform")
-
25.6
-
ns
tr
Rise time
-
97.1
-
ns
td(off)
Turn-off delay time
-
99.9
-
ns
tf
Fall time
-
6.9
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com