Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO8200BQTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ISO8200BQTR Datasheet HTML 18Page - STMicroelectronics ISO8200BQTR Datasheet HTML 19Page - STMicroelectronics ISO8200BQTR Datasheet HTML 20Page - STMicroelectronics ISO8200BQTR Datasheet HTML 21Page - STMicroelectronics ISO8200BQTR Datasheet HTML 22Page - STMicroelectronics ISO8200BQTR Datasheet HTML 23Page - STMicroelectronics ISO8200BQTR Datasheet HTML 24Page - STMicroelectronics ISO8200BQTR Datasheet HTML 25Page - STMicroelectronics ISO8200BQTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Functional description
ISO8200BQ
22/37
DocID027303 Rev 4
6.4.1
Junction overtemperature and case overtemperature
The thermal status of the device is updated during each transmission sequence between
the two isolated sides.
In SCM operation, when the LOAD
signal is high and the SYNC
one is low, the
communication is disabled. In this case the thermal status of the device cannot be updated
and the FAULT
indication can be different from the current status.
In any case, the thermal protection of the channel outputs is always operative.
Figure 14: Thermal status update (DCM)
Figure 15: Thermal status update (SCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com