Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO8200BQTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 3 Page - STMicroelectronics

  ISO8200BQTR Datasheet HTML 1Page - STMicroelectronics ISO8200BQTR Datasheet HTML 2Page - STMicroelectronics ISO8200BQTR Datasheet HTML 3Page - STMicroelectronics ISO8200BQTR Datasheet HTML 4Page - STMicroelectronics ISO8200BQTR Datasheet HTML 5Page - STMicroelectronics ISO8200BQTR Datasheet HTML 6Page - STMicroelectronics ISO8200BQTR Datasheet HTML 7Page - STMicroelectronics ISO8200BQTR Datasheet HTML 8Page - STMicroelectronics ISO8200BQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ISO8200BQ
List of tables
DocID027303 Rev 4
3/37
List of tables
Table 1: Pin description ..............................................................................................................................6
Table 2: Absolute maximum ratings ...........................................................................................................8
Table 3: Thermal data.................................................................................................................................9
Table 4: Power section .............................................................................................................................10
Table 5: Digital supply voltage ..................................................................................................................10
Table 6: Diagnostic pin and output protection function.............................................................................11
Table 7: Power switching characteristics (VCC = 24 V; -40 °C < TJ < 125 °C) .......................................11
Table 8: Logic input and output ................................................................................................................13
Table 9: Parallel interface timings (Vdd = 5 V; VCC= 24 V; -40 °C < TJ < 125 °C) ..................................14
Table 10: Insulation and safety-related specifications..............................................................................14
Table 11: IEC 60747-5-2 insulation characteristics ..................................................................................15
Table 12: Interface signal operation (general) ..........................................................................................16
Table 13: Interface signal operation in direct control mode ......................................................................18
Table 14: Interface signal operation in synchronous control mode ..........................................................19
Table 15: TFQFPN32 package mechanical data .....................................................................................34
Table 16: Ordering information .................................................................................................................35
Table 17: Document revision history ........................................................................................................36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com