Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGB30V60F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGB30V60F
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB30V60F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGB30V60F Datasheet HTML 4Page - STMicroelectronics STGB30V60F Datasheet HTML 5Page - STMicroelectronics STGB30V60F Datasheet HTML 6Page - STMicroelectronics STGB30V60F Datasheet HTML 7Page - STMicroelectronics STGB30V60F Datasheet HTML 8Page - STMicroelectronics STGB30V60F Datasheet HTML 9Page - STMicroelectronics STGB30V60F Datasheet HTML 10Page - STMicroelectronics STGB30V60F Datasheet HTML 11Page - STMicroelectronics STGB30V60F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STGB30V60F, STGP30V60F
8/19
DocID025049 Rev 4
Figure 14. Switching losses vs. junction
temperature
Figure 15. Switching losses vs. collector
emitter voltage
Figure 16. Switching times vs. collector current
Figure 17. Switching times vs. gate resistance
Figure 18. Transfer characteristics
Figure 19. Safe operating area
E(μJ)
25
TJ(°C)
200
50
75
100
300
100
125
VCC=400V, VGE=15V
IC=30A, Rg=10Ω
400
500
600
Eon
Eoff
150
0
700
800
AM17425v1
E(μJ)
150
VCE(V)
500
200
250
100
900
300
350
VGE=15V, Tj=175°C
IC=30A, Rg=10Ω
Eon
Eoff
300
700
1100
400
450
AM17426v1
t(ns)
0
IC(A)
10
20
10
30
40
VCC=400V,
Tj=175°C,
VGE=15V
Rg=10Ω
tdoff
tdon
100
tf
tr
50
60
AM17427v1
t(ns)
0
Rg(Ω)
10
20
10
30
40
VCC=400V,
Tj=175°C,
VGE=15V
IC=30A
tdoff
tdon
100
tr
tf
1000
AM17428v1
IC
80
60
20
0
7
(A)
8
VGE(V)
40
Tj=175°C
Tj=25°C
Tj=-40°C
9
100
10
11
VCE = 10 V
AM17417v1
IC
100
10
0.1
0.01
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
AM17416v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com