Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGB30V60F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGB30V60F
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB30V60F Datasheet(HTML) 5 Page - STMicroelectronics

  STGB30V60F Datasheet HTML 1Page - STMicroelectronics STGB30V60F Datasheet HTML 2Page - STMicroelectronics STGB30V60F Datasheet HTML 3Page - STMicroelectronics STGB30V60F Datasheet HTML 4Page - STMicroelectronics STGB30V60F Datasheet HTML 5Page - STMicroelectronics STGB30V60F Datasheet HTML 6Page - STMicroelectronics STGB30V60F Datasheet HTML 7Page - STMicroelectronics STGB30V60F Datasheet HTML 8Page - STMicroelectronics STGB30V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID025049 Rev 4
5/19
STGB30V60F, STGP30V60F
Electrical characteristics
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-3750
-
pF
Coes
Output capacitance
-
120
-
pF
Cres
Reverse transfer
capacitance
-77
-
pF
Qg
Total gate charge
VCC = 480 V, IC = 30 A,
VGE = 15 V, see Figure 22
-163
-
nC
Qge
Gate-emitter charge
-
28
-
nC
Qgc
Gate-collector charge
-
72
-
nC
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V,
see Figure 21
-45
-
ns
tr
Current rise time
-
16
-
ns
(di/dt)on
Turn-on current slope
-
1500
-
A/µs
td(off)
Turn-off delay time
-
189
-
ns
tf
Current fall time
-
19
-
ns
Eon
(1)
1.
Energy losses include reverse recovery of the external diode. The diode is the same of the copacked
STGW30V60DF.
Turn-on switching losses
-
383
-
µJ
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
233
-
µJ
Ets
Total switching losses
-
616
-
µJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 21
-42
-
ns
tr
Current rise time
-
17
-
ns
(di/dt)on
Turn-on current slope
-
1337
-
A/µs
td(off)
Turn-off delay time
-
193
-
ns
tf
Current fall time
-
32
-
ns
Eon
(1)
Turn-on switching losses
-
794
-
µJ
Eoff
(2)
Turn-off switching losses
-
378
-
µJ
Ets
Total switching losses
-
1172
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com