Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGWT28IH125DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWT28IH125DF
Description  1250 V, 30 A IH series trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT28IH125DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWT28IH125DF Datasheet HTML 3Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 4Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 5Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 6Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 7Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 8Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 9Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 10Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID025268 Rev 2
7/17
STGW28IH125DF, STGWT28IH125DF
Electrical characteristics
Figure 8. Forward bias safe operating area
Figure 9. Transfer characteristics
C = 25°C,
T ≤ 175 C; V
IC
10
1
0.1
1
VCE(V)
(A)
10
10 μs
100 μs
1 ms
Single pulse
Tc= 25°C, TJ<= 175°C
VGE= 15V
100
1 μs
100
1000
GIPG300120141043FSR
IC
20
0
6
VGE(V)
(A)
10
8
40
TJ=175°C
60
TJ=25°C
VCE=10V
12
80
100
GIPG300120141054FSR
Figure 10. Diode VF vs. forward current
Figure 11. Normalized VGE(th) vs junction
temperature
VF
1.2
1.0
0.8
0.6
0
IF(A)
(V)
20
TJ= 175°C
40
60
80
TJ= 25°C
TJ= -40°C
100
2.0
1.8
1.6
1.4
2.4
2.2
GIPG300120141110FSR
VGE(th)
1.1
1.0
0.6
-50
TJ(°C)
(norm)
0
50
100
150
IC= 1mA
VCE= VGE
0.7
0.8
0.9
GIPD281020131600FSR
Figure 12. Normalized V(BR)CES vs. junction
temperature
Figure 13. Capacitance variation
V(BR)CES
1.08
1.0
0.9
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
GIPG300120141121FSR
C
1
VCE(V)
(pF)
0.1
1
10
Cies
10
100
Coes
Cres
100
1000
GIPG300120141124FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com