Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGWT28IH125DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWT28IH125DF
Description  1250 V, 30 A IH series trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT28IH125DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGWT28IH125DF Datasheet HTML 1Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 2Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 3Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 4Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 5Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 6Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 7Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 8Page - STMicroelectronics STGWT28IH125DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID025268 Rev 2
5/17
STGW28IH125DF, STGWT28IH125DF
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(off)
Turn-off delay time
V
CE
= 600 V, I
C
= 25 A,
R
G
= 10
Ω, V
GE
= 15 V, see
Figure 23
-128
-
ns
t
f
Current fall time
-
82
-
ns
E
off
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
0.72
-
mJ
t
d(off)
Turn-off delay time
V
CE
= 600 V, I
C
= 25 A,
R
G
= 10
Ω, V
GE
= 15 V,
T
J
= 175 °C, see
Figure 23
-132
-
ns
t
f
Current fall time
-
190
-
ns
E
off
(1)
Turn-off switching losses
-
1.53
-
mJ
Table 7. IGBT switching characteristics (capacitive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
E
off
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
V
CC
= 900 V, R
G
= 10
Ω,
I
C
= 50 A, L = 500 μH,
C
snub
= 330 nF, see
Figure 24
-230
-
μJ
V
CC
= 900 V, R
G
= 10
Ω,
I
C
= 50 A, L = 500 μH,
C
snub
= 330 nF, T
J
= 175 °C,
see
Figure 24
-520
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com