Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGW80H65DFB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW80H65DFB
Description  High speed switching series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65DFB Datasheet(HTML) 1 Page - STMicroelectronics

  STGW80H65DFB Datasheet HTML 1Page - STMicroelectronics STGW80H65DFB Datasheet HTML 2Page - STMicroelectronics STGW80H65DFB Datasheet HTML 3Page - STMicroelectronics STGW80H65DFB Datasheet HTML 4Page - STMicroelectronics STGW80H65DFB Datasheet HTML 5Page - STMicroelectronics STGW80H65DFB Datasheet HTML 6Page - STMicroelectronics STGW80H65DFB Datasheet HTML 7Page - STMicroelectronics STGW80H65DFB Datasheet HTML 8Page - STMicroelectronics STGW80H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2016
DocID024366 Rev 8
1/18
This is information on a product in full production.
www.st.com
STGW80H65DFB,
STGWT80H65DFB
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Maximum junction temperature: TJ = 175 °C
High speed switching series
Minimized tail current
VCE(sat) = 1.6 V(typ) @ IC = 80 A
Safe paralleling
Tight parameter distribution
Low thermal resistance
Very fast soft recovery antiparallel diode
Applications
Photovoltaic inverters
High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the new HB
series of IGBTs, which represent an optimum
compromise between conduction and switching
loss to maximize the efficiency of any frequency
converter. Furthermore, the slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGW80H65DFB
GW80H65DFB
TO-247
Tube
STGWT80H65DFB
GWT80H65DFB
TO-3P
Tube
1
2
3
TO-3P
TAB
TO-247
1
2
3


Similar Part No. - STGW80H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
Tight parameter distribution
06-Mar-2017
More results

Similar Description - STGW80H65DFB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
logo
STMicroelectronics
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
High speed switching series
06-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com