Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32DWZPIP Datasheet(PDF) 49 Page - Winbond

Part # W25Q32DWZPIP
Description  1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32DWZPIP Datasheet(HTML) 49 Page - Winbond

Back Button W25Q32DWZPIP Datasheet HTML 45Page - Winbond W25Q32DWZPIP Datasheet HTML 46Page - Winbond W25Q32DWZPIP Datasheet HTML 47Page - Winbond W25Q32DWZPIP Datasheet HTML 48Page - Winbond W25Q32DWZPIP Datasheet HTML 49Page - Winbond W25Q32DWZPIP Datasheet HTML 50Page - Winbond W25Q32DWZPIP Datasheet HTML 51Page - Winbond W25Q32DWZPIP Datasheet HTML 52Page - Winbond W25Q32DWZPIP Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
W25Q32DW
Publication Release Date: May 22, 2014
- 49 -
Revision E
10.2.26 Erase / Program Suspend (75h)
The Erase/Program Suspend instruction “75h”, allows the system to interrupt a Sector or Block Erase
operation or a Page Program operation and then read from or program/erase data to, any other sectors or
blocks. The Erase/Program Suspend instruction sequence is shown in Figure 25a & 25b.
The Write Status Register instruction (01h) and Erase instructions (20h, 52h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Register instruction (01h) and Program instructions (02h, 32h, 42h) are not allowed during Program
Suspend. Program Suspend is valid only during the Page Program or Quad Page Program operation.
The Erase/Program Suspend instruction “75h” will be accepted by the device only if the SUS bit in the
Status Register equals to 0 and the BUSY bit equals to 1 while a Sector or Block Erase or a Page
Program operation is on-going. If the SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend
instruc
tion will be ignored by the device. A maximum of time of “t
SUS” (See AC Characteristics) is required
to suspend the erase or program operation. The BUSY bit in the Status Register will be cleared from 1 to
0 within “t
SUS”
and the SUS bit in the Status Register will be set from 0 to 1 immediately after
Erase/Program Suspend. For a previously resumed Erase/Program operation, it is also required that the
Suspend instruction “75h” is not issued earlier than a minimum of time of “t
SUS” following the preceding
Re
sume instruction “7Ah”.
Unexpected power off during the Erase/Program suspend state will reset the device and release the
suspend state. SUS bit in the Status Register will also reset to 0. The data within the page, sector or block
that was being suspended may become corrupted. It is recommended for the user to implement system
design techniques against the accidental power interruption and preserve data integrity during
erase/program suspend state.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (75h)
High Impedance
Mode 0
Mode 3
tSUS
Accept instructions
Figure 25a. Erase/Program Suspend Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com