Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32DWZPIP Datasheet(PDF) 13 Page - Winbond

Part # W25Q32DWZPIP
Description  1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32DWZPIP Datasheet(HTML) 13 Page - Winbond

Back Button W25Q32DWZPIP Datasheet HTML 9Page - Winbond W25Q32DWZPIP Datasheet HTML 10Page - Winbond W25Q32DWZPIP Datasheet HTML 11Page - Winbond W25Q32DWZPIP Datasheet HTML 12Page - Winbond W25Q32DWZPIP Datasheet HTML 13Page - Winbond W25Q32DWZPIP Datasheet HTML 14Page - Winbond W25Q32DWZPIP Datasheet HTML 15Page - Winbond W25Q32DWZPIP Datasheet HTML 16Page - Winbond W25Q32DWZPIP Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
W25Q32DW
Publication Release Date: May 22, 2014
- 13 -
Revision E
10. CONTROL AND STATUS REGISTERS
The Read Status Register-1 and Status Register-2 instructions can be used to provide status on the
availability of the Flash memory array, if the device is write enabled or disabled, the state of write
protection, Quad SPI setting, Security Register lock status and Erase/Program Suspend status. The Write
Status Register instruction can be used to configure the device write protection features, Quad SPI setting
and Security Register OTP lock. Write access to the Status Register is controlled by the state of the non-
volatile Status Register Protect bits (SRP0, SRP1), the Write Enable instruction, and during Standard/Dual
SPI operations, the /WP pin.
10.1 STATUS REGISTER
10.1.1 BUSY
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a
Page Program, Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register or
Erase/Program Security Register instruction. During this time the device will ignore further instructions
except for the Read Status Register and Erase/Program Suspend instruction (see tW, tPP, tSE, tBE, and
tCE in AC Characteristics). When the program, erase or write status/security register instruction has
completed, the BUSY bit will be cleared to a 0 state indicating the device is ready for further instructions.
10.1.2 Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to 1 after executing a
Write Enable Instruction. The WEL status bit is cleared to 0 when the device is write disabled. A write
disable state occurs upon power-up or after any of the following instructions: Write Disable, Page Program,
Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Erase Security
Register and Program Security Register.
10.1.3 Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3, and
S2) that provide Write Protection control and status. Block Protect bits can be set using the Write Status
Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array can be
protected from Program and Erase instructions (see Status Register Memory Protection table). The
factory default setting for the Block Protection Bits is 0, none of the array protected.
10.1.4 Top/Bottom Block Protect (TB)
The non-volatile Top/Bottom bit (TB) controls if the Block Protect Bits (BP2, BP1, BP0) protect from the
Top (TB=0) or the Bottom (TB=1) of the array as shown in the Status Register Memory Protection table.
The factory default setting is TB=0. The TB bit can be set with the Write Status Register Instruction
depending on the state of the SRP0, SRP1 and WEL bits.
10.1.5 Sector/Block Protect (SEC)
The non-volatile Sector/Block Protect bit (SEC) controls if the Block Protect Bits (BP2, BP1, BP0) protect
either 4KB Sectors (SEC=1) or 64KB Blocks (SEC=0) in the Top (TB=0) or the Bottom (TB=1) of the array
as shown in the Status Register Memory Protection table. The default setting is SEC=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com