Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2050A Datasheet(PDF) 66 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics STV2050A Datasheet HTML 66Page - STMicroelectronics STV2050A Datasheet HTML 67Page - STMicroelectronics STV2050A Datasheet HTML 68Page - STMicroelectronics STV2050A Datasheet HTML 69Page - STMicroelectronics STV2050A Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
66/83
STV2050A - ELECTRICAL CHARACTERISTICS
20.3 VIDEO PATTERN OUTPUTS
20.3.1 DACs for RGB
20.3.2 FBLK Output
20.4 FOCUS DACs
20.4.1 Focus Reference
Parameter
Min.
Typ.
Max.
Unit
Conditions
Resolution
4
bit
Output voltage
70
200
mV
Code 0000b applied,
IOUT < 0.1 mA
0.4
0.6
0.8
V
Code 0001b applied,
IOUT < 0.1 mA
1.9
2.3
2.7
V
Code 1111b applied,
IOUT < 0.5 mA
DNL
±0.1
±0.25
LSB
Except code 0000b
INL
±0.2
±0.5
LSB
Except code 0000b
Matching between DACs
3
10
%
Max. code applied;
Ref signal for 10% is
the channel of RGB
with the max signal
value
Rise time (10...90%)
5
20
ns
From code 0(hex) to
F(hex)
Fall time (10...90%)
2
10
ns
From code F(hex) to
0(hex)
Delay between video DACs
(50%)
4ns
Parameter
Min.
Typ.
Max.
Unit
Conditions
Output voltage low
0.4
V
2 mA input
Output voltage high
2.4
V
2 mA output
Rise/Fall time (10...90%)
10
ns
15 pF load
Symbol
Parameter
Min
Typ
Max.
Unit
Conditions
IFOCRFOCR
Focus reference cur-
rent on pin FOCR
-7
+7
%
Temperature drift of
output current
±150
|PPM / °C
0°C to 70°C
3
4
--- Irefn
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com