Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2050A Datasheet(PDF) 53 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics STV2050A Datasheet HTML 51Page - STMicroelectronics STV2050A Datasheet HTML 52Page - STMicroelectronics STV2050A Datasheet HTML 53Page - STMicroelectronics STV2050A Datasheet HTML 54Page - STMicroelectronics STV2050A Datasheet HTML 55Page - STMicroelectronics STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
53/83
STV2050A - DYNAMIC FOCUS
10 DYNAMIC FOCUS
10.1 PARABOLA CURVE
The focus function delivers a current with 6-bit resolution, which is constant for horizontal
lines. In vertical direction, the current has the shape of a second order parabola.
The parabola is defined by three points, FV1, FV2 and FV3, whose values correspond to the
FV1[5:0], FV2[5:0] and FV3[5:0] values which are stored in the DE register.
The position of these last 3 points is a multiple of (VGD+1). See Figure 29 "Focus Parabola"
on page 53. The parabola is therefore linked to the value of the Vertical Grid Distance.
Figure 29. Focus Parabola
The focus DAC will provide a programmable constant value in the FVR[5:0] bits in the DE reg-
ister at the bottom of the screen and during vertical retrace.
The start of the retrace value is programmable using the FSB[7:0] bits in the DA register as
shown above.
The position is indicated by the VFP[8:0] bits in the D9 register.
Notes:
1.
If VRES becomes active before the number of lines for the FSB have been counted, the parabola will
be terminated and replaced by the FVR retrace value.
2.
The hardware is not equipped with a safeguard device against DAC range overflow. This may occur
if the FV2 bit is near the max. positive or negative value and the parabola is not symmetrical to the
FV2 centre value. Also, large values for the FSB have to be taken into account.
x/2
0
FV1
FV2
FV3
FVR
32
48
16
63
0
VFP+3
0
field n
field n+1
x
TV lines
FSB
y
x = 12 * (VGD + 1)
y = 11 * (VGD + 1)
Focus DAC
vertical retrace
(VRES)
FV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com