| Electronic Components Datasheet Search |
|
TNETV2665VIDZWT6 Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665VIDZWT6 Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 249 page ![]() TMS320C6424 www.ti.com SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 Table 2-16. EMAC (MII/RMII) and MDIO Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. EMAC (MII) HCNTL1/MTXEN/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. D3 C4 I/O/Z AD11/GP[75] DVDD33 In Ethernet MAC (MII) mode, it is Transmit Enable output MTXEN. HD15/MTXCLK/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. A4 A4 I/O/Z AD12/GP[73] DVDD33 In Ethernet MAC (MII) mode, it is Transmit Clock input MTXCLK. HD9/MCOL/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. C6 C6 I/O/Z PSTOP/GP[67] DVDD33 In Ethernet MAC (MII) mode, it is Collision Detect input MCOL. HD11/MTXD3/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. C5 A5 I/O/Z PCBE1/GP[69] DVDD33 In Ethernet MAC (MII) mode, it is Transmit Data 3 output MTXD3. HD12/MTXD2/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. D5 C5 I/O/Z PPAR/GP[70] DVDD33 In Ethernet MAC (MII) mode, it is Transmit Data 2 output MTXD2. HD13/MTXD1/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. B4 B4 I/O/Z AD14/GP[71] DVDD33 In Ethernet MAC (MII) mode, it is Transmit Data 1 output MTXD1. HD14/MTXD0/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. D4 B5 I/O/Z AD15/GP[72] DVDD33 In Ethernet MAC (MII) mode, it is Transmit Data 0 output MTXD0. HR/W/MRXCLK/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. A3 A3 I/O/Z AD8/GP[77] DVDD33 In Ethernet MAC (MII) mode, it is Receive Clock input MRXCLK. This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. HHWIL/MRXDV/ IPD C4 D3 I/O/Z In Ethernet MAC (MII) mode, it is Receive Data Valid input AD13/GP[74] DVDD33 MRXDV. HCNTL0/MRXER/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. B3 B2 I/O/Z AD10/GP[76] DVDD33 In Ethernet MAC (MII) mode, it is Receive Error input MRXER. HD10/MCRS/ IPD This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. B5 B6 I/O/Z PSERR/GP[68] DVDD33 In Ethernet MAC (MI) mode, it is Carrier Sense input MCRS. HINT/MRXD3/ IPU This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. C2 D2 I/O/Z AD6/GP[82] DVDD33 In Ethernet MAC (MII) mode, it is Receive Data 3 input MRXD3. HRDY/MRXD2/ IPU This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. D2 C3 I/O/Z PCBE0/GP[80] DVDD33 In Ethernet MAC (MII) mode, it is Receive Data 2 input MRXD2. HDS1/MRXD1/ IPU This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. B2 B3 I/O/Z AD7/GP[79] DVDD33 In Ethernet MAC (MII) mode, it is Receive data 1 input MRXD1. HDS2/MRXD0/ IPU This pin is multiplexed between HPI, EMAC (MII), PCI, and GPIO. C3 C2 I/O/Z AD9/GP[78] DVDD33 In Ethernet MAC (MII) mode, it is Receive Data 0 input MRXD0. EMAC (RMII) This pin is multiplexed between EMAC (RMII) and GPIO. IPD RMCRSDV/GP[30] G19 K22 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC carrier sense/receive DVDD33 data valid (RMCRSDV) [I]. This pin is multiplexed between EMAC (RMII) and GPIO. IPD RMRXER/GP[52] A15 A19 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC receive error DVDD33 (RMRXER) [I]. This pin is multiplexed between EMAC (RMII) and GPIO. RMTXD1/GP[27]/ IPU H17 L19 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC transmit data pin 1 (LENDIAN) DVDD33 (RMTXD1) [O/Z]. This pin is multiplexed between EMAC (RMII) and GPIO. IPD RMTXD0/GP[28]/ H16 J21 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC transmit data pin 0 DVDD33 (RMTXD0) [O/Z]. This pin is multiplexed between EMAC (RMII) and GPIO. IPD RMREFCLK/GP[31] D19 G22 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC RMII reference clock DVDD33 (RMREFCLK) [I]. This pin is multiplexed between EMAC (RMII) and GPIO. IPD RMTXEN/GP[29] H15 K21 I/O/Z In Ethernet MAC (RMII) mode, it is EMAC transmit enable DVDD33 (RMTXEN) [O/Z]. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2007–2009, Texas Instruments Incorporated Device Overview 47 Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |