| Electronic Components Datasheet Search |
|
TNETV2665VIDZWT6 Datasheet(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665VIDZWT6 Datasheet(HTML) 59 Page - Texas Instruments |
|
59 / 249 page ![]() TMS320C6424 www.ti.com SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 Table 2-27. Reserved Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. RESERVED RSV1 E5 D4 Reserved. (Leave unconnected, do not connect to power or ground) RSV2 K5 L4 Reserved. (Leave unconnected, do not connect to power or ground) RSV3 L5 M4 Reserved. (Leave unconnected, do not connect to power or ground) RSV4 L15 P19 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV5 R13 W16 A O Reserved. (Leave unconnected, do not connect to power or ground) Reserved. This pin must be tied directly to VSS for normal device RSV6 N19 V22 A I operation. RSV7 P19 V21 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV8 P18 U22 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV9 N18 T21 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV10 N17 T22 A O Reserved. (Leave unconnected, do not connect to power or ground) Reserved. This pin must be tied directly to VSS for normal device RSV11 P16 U20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV12 P17 V20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV13 N15 T20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV14 P15 T19 operation. Reserved. This pin must be tied directly to VSS for normal device RSV15 N16 U21 operation. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2007–2009, Texas Instruments Incorporated Device Overview 59 Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |