Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRGPF01TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 11Page - STMicroelectronics STNRGPF01TR Datasheet HTML 12Page - STMicroelectronics STNRGPF01TR Datasheet HTML 13Page - STMicroelectronics STNRGPF01TR Datasheet HTML 14Page - STMicroelectronics STNRGPF01TR Datasheet HTML 15Page - STMicroelectronics STNRGPF01TR Datasheet HTML 16Page - STMicroelectronics STNRGPF01TR Datasheet HTML 17Page - STMicroelectronics STNRGPF01TR Datasheet HTML 18Page - STMicroelectronics STNRGPF01TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DocID030377 Rev 2
15/40
STNRGPF01
STNRGPF01 block diagram
40
3.7
Start-up function
The start-up function is divided into two logical parts. The first is the inrush current limiter
and the second part a PFC soft power-on. In Figure 10 the timing of this function is shown.
Figure 10. Start-up function
3.7.1
Inrush current limiter
The device includes the possibility to perform the inrush current limiter function. Pin 21 gives
a CMOS/TTL signal that becomes high after a settable time.
3.7.2
PFC soft power-on
After the inrush current limiter phase the PFC switching activity on the master channel starts
using the integrated function named soft power-on. Thanks to a controlled loop regulation
the PFC output voltage will increase up to the set point (Vout_ref). The soft power-on function
will be activated only in the conditions indicated below:
No load condition. In this case the master channel enters into burst mode regulation.
The PFC output voltage will oscillate between two settable levels (Vburst_min and
Vburst_max). See Figure 11. These levels can be defined during device customization.
Light load condition (below 5%). The PFC operates as in the no load condition.
Load condition (down to 10%). In this case the PFC enters in the run mode and the
output voltage will be regulated to the nominal value Vout_ref. See Figure 11.
When the PFC output voltage is controlled (burst mode or run mode - see conditions 1, 2,
and 3) the soft power-on function will be completed and the PFC_OK pin will be activated.
At the end of this phase the PFC is ready to work at the full load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com