Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRGPF01TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 22Page - STMicroelectronics STNRGPF01TR Datasheet HTML 23Page - STMicroelectronics STNRGPF01TR Datasheet HTML 24Page - STMicroelectronics STNRGPF01TR Datasheet HTML 25Page - STMicroelectronics STNRGPF01TR Datasheet HTML 26Page - STMicroelectronics STNRGPF01TR Datasheet HTML 27Page - STMicroelectronics STNRGPF01TR Datasheet HTML 28Page - STMicroelectronics STNRGPF01TR Datasheet HTML 29Page - STMicroelectronics STNRGPF01TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Electrical characteristics
STNRGPF01
26/40
DocID030377 Rev 2
5.3.1
VCOUT external capacitor
The stabilization of the main regulator is achieved by connecting an external capacitor
CVCOUT(a) to the VCOUT pin. CVCOUT is specified in Table 7: General operating conditions.
Care should be taken to limit the series inductance to less than 15 nH.
Figure 17. External capacitor CVCOUT
5.3.2
Supply current characteristics
The STNRGPF01 current consumption is declared based on, for example, an application
where the application firmware is loaded and running.
a. ESR is the equivalent series resistance and ESL is the equivalent inductance.
Table 9. Supply current characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Test conditions:
Data based on characterization results not tested in production.
Temperature operating: TA = 25 °C.
Device in the run mode.
Max.(1)
Unit
VDD/VDDA SECTION: current consumption
IDD(RUN)
Total current consumption
VDD/VDDA = 5 V
-
28
34
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com