Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STODD01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 9Page - STMicroelectronics STODD01 Datasheet HTML 10Page - STMicroelectronics STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
STODD01
S-wire protocol
Doc ID 17789 Rev 2
13/31
Table 9.
Feedback one voltage level
S-Wire pulses
VFB1 (V)
S-Wire pulses
VFB1 (V)
S-Wire pulses
VFB1 (V)
0 (Default value)
0.800
11
0.965
22
1.130
1
0.815
12
0.980
23
1.145
2
0.830
13
0.995
24
1.160
3
0.845
14
1.010
25
1.175
4
0.860
15
1.025
26
1.190
5
0.875
16
1.040
27
1.205
6
0.890
17
1.055
28
1.220
7
0.905
18
1.070
29
1.235
8
0.920
19
1.085
30
1.250
9
0.935
20
1.100
10
0.950
21
1.115
Figure 9.
Single wire programming
1
S-Wire
V
FB1=0.815V
S-Wire
V
FB1=0.8V (default value)
12
S-Wire
V
FB1=0.830V
1
2
3
S-Wire
V
FB1=0.845V
12
3
4
S-Wire
V
FB1=0.860V
12
3
4
5
S-Wire
V
FB1=0.875V
S-Wire
26
28
27
V
FB1=1.22V
12
3
4
5
S-Wire
26
28
29
27
V
FB1=1.235V
12
3
4
5
S-Wire
12
3
4
5
26
28
29
30
27
V
FB1=1.25V
S-Wire
V
FB1=0.8V
1
S-Wire
V
FB1=0.815V
S-Wire
V
FB1=0.8V (default value)
12
S-Wire
V
FB1=0.830V
1
2
3
S-Wire
V
FB1=0.845V
12
3
4
S-Wire
V
FB1=0.860V
12
3
4
5
S-Wire
V
FB1=0.875V
S-Wire
26
28
27
V
FB1=1.22V
12
3
4
5
S-Wire
26
28
29
27
V
FB1=1.235V
12
3
4
5
S-Wire
12
3
4
5
26
28
29
30
27
V
FB1=1.25V
S-Wire
V
FB1=0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com