Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STODD01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics STODD01 Datasheet HTML 21Page - STMicroelectronics STODD01 Datasheet HTML 22Page - STMicroelectronics STODD01 Datasheet HTML 23Page - STMicroelectronics STODD01 Datasheet HTML 24Page - STMicroelectronics STODD01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
STODD01
Application information
Doc ID 17789 Rev 2
21/31
9
Application information
9.1
Introduction
The following is some technical information for estimating the typical external components
characteristics using standard literature equations. Nevertheless, it is strongly
recommended to validate the external components suitability to the application
requirements, thoroughly testing any solution at bench level on a real evaluation circuit.
9.2
Programming the output voltage
The output voltage for the step-up (ch1) can be adjusted from 6.5 V up to 14 V by
connecting a resistor divider between the VOUT1 and the GND, the middle point of the
divider must be connected to the FB1 pin, as shown in Figure 3.
The resistor divider should be chosen in accordance with the following equation:
Equation 1
It is recommended to use a resistor with a value in the range of 1 k
Ω to 50 kΩ. Lower values
can also be suitable, but increase current consumption.
For ch2 the device integrates the resistor divider needed to set the correct output voltage.
This allows 2 external components to be saved. The FB2 pin must be connected directly to
VOUT2.
The output voltage for Ch3 can be adjusted from 0.8 V up to 85 % of the input voltage value
by connecting a resistor divider between VOUT3 and GND, the middle point of the divider
must be connected to FB3 pin, as shown in Figure 3.
The resistor divider must be chosen according to the following equation:
Equation 2
Using a resistor with a value in the range of 1 k
Ω to 50 kΩ is recommended. Lower values
are also suitable, but increase current consumption.
9.3
Inductor selection
The inductor is the key passive component for switching converters.
The inductor selection must take the boundary conditions in which the converter works into
consideration, the maximum input voltage for the buck and the minimum input voltage for the
boost.
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
2
R
1
R
1
V
V
1
FB
1
OUT
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
4
R
3
R
1
V
V
3
FB
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com