Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP240N10F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP240N10F7
Description  Ultra low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP240N10F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STP240N10F7 Datasheet HTML 1Page - STMicroelectronics STP240N10F7 Datasheet HTML 2Page - STMicroelectronics STP240N10F7 Datasheet HTML 3Page - STMicroelectronics STP240N10F7 Datasheet HTML 4Page - STMicroelectronics STP240N10F7 Datasheet HTML 5Page - STMicroelectronics STP240N10F7 Datasheet HTML 6Page - STMicroelectronics STP240N10F7 Datasheet HTML 7Page - STMicroelectronics STP240N10F7 Datasheet HTML 8Page - STMicroelectronics STP240N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID023934 Rev 3
5/13
STP240N10F7
Electrical characteristics
13
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
110
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
(pulsed)
-440
A
VSD
(2)
2.
Pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
VGS=0, ISD=110 A
-
1.2
V
trr
Reverse recovery time
ISD=110 A,
di/dt = 100 A/µs,
VDD=80 V, Tj=150°C
(see Figure 15)
-108
ns
Qrr
Reverse recovery charge
-
315
nC
IRRM
Reverse recovery current
-
5.8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com