Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA2012D2YZHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2YZHT
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2YZHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA2012D2YZHT Datasheet HTML 17Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 18Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 19Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 20Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 21Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 22Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 23Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 24Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Via to Ground Plane
Top Layer Ground Plane
Top Layer Traces
Pad to Top Layer Ground Plane
Via to Bottom Layer
Bottom Layer Traces
Via to Power Supply Plane
C1
C2
C3
C4
D1
D3
D4
B4
B3
B1
A1
10µF
1µF
Input Capacitors
Placed As Close As
Possible to the Device
INR-
INR+
INL+
INL-
TPA2012D2
OUTR+ OUTR-
CI
CI
OUTL-
OUTL+
10µF
1µF
G1
SDL
SDR
CI
Decoupling Capacitor
Placed As Close As
Possible to the Device
G0
D2
A4
A3
B2
A2
21
TPA2012D2
www.ti.com
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
12.2 Layout Examples
Figure 40. TPA2012D2 DSBGA Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com