Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA2012D2YZHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2YZHT
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2YZHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2012D2YZHT Datasheet HTML 9Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 10Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 11Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 12Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 13Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 14Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 15Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 16Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
to Battery
V DD
OUTR+
GND
SDR
INR+
300 k
C S
Right Input
SDL
300 k
G0
OUTRí
OUTL+
OUTLí
G1
INRí
INL+
INLí
Left Input
Gain
Adjust
PWM
Gain
Adjust
PWM
H í
Bridge
H í
Bridge
Internal
Oscillator
Bias
Circuitry
ShortíCircuit
Protection
Ÿ
Ÿ
Copyright © 2016, Texas Instruments Incorporated
13
TPA2012D2
www.ti.com
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPA2012D2 is capable of driving 1.4 W/Ch at 5-V or 720 mW/Ch at 3.6-V into 8 Ω. The TPA2012D2 is also
capable of driving a load of 4 Ω.
The TPA2012D2 feature independent shutdown controls for each channel. High PSRR and differential
architecture provide increased immunity to noise and RF rectification. The TPA2012D2 provides thermal and
short-circuit protection.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Fixed Gain Setting
The TPA2012D2 has 4 selectable fixed gains: 6 dB, 12 dB, 18 dB, and 24 dB. Connect the G0 and G1 pins as
shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com