| Electronic Components Datasheet Search |
|
UM0139 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0139 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 38 page ![]() UM0139 In-circuit debugging connection with ICD adapter 29/38 4.3 Connecting to the application Figure 20. Connectors on the ICD Adapter The ICD Adapter (MB509) connects to your in-circuit debugging tool via the 10-pin ICC connector on the top of the adapter. It connects to the connector installed on you application board via an 8-pin connector on the bottom of the adapter (see Figure 20). To use the ICD Adapter you will have to solder the appropriate package specific connector to your application board in place of your target ST7FLITEUx microcontroller. Table 8 shows the connectors available for use with the ICD adapter, which are delivered with your ST7MDT10-EMU3. Note: PA3/RESET pin use limitation – during in-circuit debugging, the PA3/RESET pin of the target microcontroller can only be used for reset. The following sections show connection illustrations for each supported package type: ● Section 4.3.1: Connection for DIP8 microcontroller package on page 30 ● Section 4.3.2: Connection for SO8 microcontroller package on page 31 ● Section 4.3.3: Connection for DFN8 microcontroller package on page 32 10-pin ICC connector 8-pin connector Top Bottom Table 8. Target MCU packages and their application connectors Package ICD Adapter Application board connector(s) DIP8 MB509 DB646 SO8 MB509 8-pin header DFN8 MB509 DB715 flexible connector |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |