Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0139 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0139
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0139 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0139 Datasheet HTML 1Page - STMicroelectronics UM0139 Datasheet HTML 2Page - STMicroelectronics UM0139 Datasheet HTML 3Page - STMicroelectronics UM0139 Datasheet HTML 4Page - STMicroelectronics UM0139 Datasheet HTML 5Page - STMicroelectronics UM0139 Datasheet HTML 6Page - STMicroelectronics UM0139 Datasheet HTML 7Page - STMicroelectronics UM0139 Datasheet HTML 8Page - STMicroelectronics UM0139 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
UM0139
Delivery Checklist
3/38
1
Delivery Checklist
The EMU3 probe is typically delivered as part of the ST7MDT10-EMU3 emulator kit. This kit
contains the emulator components (refer to the delivery check list in your ST7-EMU3
Emulator User Manual), as well as all of the probe accessories listed below.
Figure 1.
ST7-EMU3 terminology
The ST7MDT10-EMU3 probe includes (refer to Figure 2):
1.
The ST7-EMU3 probe with slots for connections to the ST Micro Connect box, as well
as a connector for analyzer input. The ST7MDT10-TEB target emulation board
(ref.: DB509) already installed in the ST7-EMU3 probe.
2.
Connection accessories for DIP8, DIP16, SO8, SO16 and DFN8 packages:
a)
Flex adapter with DIP16 connector (ref.: DB483A) for connection between the
ST7-EMU3 probe and your application board.
b)
A DIP16 to SO8 device adapter (DB645) with connection pins to install on your
application board.
c)
An SO8 to DIP8 device adapter (DB646).
d)
A DIP16 to SO16 device adapter (ref.: DB489) with connection pins to install on
your application board.
e)
An SO8 to DFN8 device adapter (DB715) with a female connector to solder to your
application board and a male-male connector for connection of the device adapter.
ST Micro Connect box
EMU3 probe
Target Emulation Board
Adapters
Device Adapters
Sockets / Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com