Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1018 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 3Page - STMicroelectronics UM1018 Datasheet HTML 4Page - STMicroelectronics UM1018 Datasheet HTML 5Page - STMicroelectronics UM1018 Datasheet HTML 6Page - STMicroelectronics UM1018 Datasheet HTML 7Page - STMicroelectronics UM1018 Datasheet HTML 8Page - STMicroelectronics UM1018 Datasheet HTML 9Page - STMicroelectronics UM1018 Datasheet HTML 10Page - STMicroelectronics UM1018 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
UM01018
Hardware and layout
Doc ID 18141 Rev 2
7/42
2.1
Development and debug support
Version 2 of the ST-LINK, called ST-LINK/V2, is embedded on the board. This tool allows
on-board program loading and debugging of the STM32L using the JTAG or SWD interface.
Third-party debug tools are also supported by the JTAG (CN9) or Trace (CN8) connectors.
To communicate with the embedded ST-LINK/V2, a specific driver needs to be installed on
your PC. To download and install this driver, refer to the Software and development tools
page for the ultra low power STM32L family available on www.st.com (the install shield is
called ST-LINK_V2_USBdriver.exe).
The embedded ST-LINK/V2 connects to the PC via a standard USB cable from connector
CN11. The bicolor LED LD5 (COM) advises on the status of the communication as follows:
1.
Slow blinking Red, then Off: At power-on before USB initialization.
2.
Fast blinking Red, then Off: After the first correct communication between PC and ST-
Link/V2 (enumeration).
3.
Red On: When initialization between PC and ST-LINK/V2 is successfully finished.
4.
Green On: After successful target communication initialization.
5.
Blinking Red/Green: During communication with target.
6.
Green On: Communication finished and OK.
7.
Orange On: Communication failure.
Note:
It is possible to power the board via CN11 (embedded ST/LINK/V2 USB connector) even if
an external tool is connected to CN8 (trace) or CN9 (external JTAG and SWD).
2.2
Power supply
The STM32L152-EVAL is designed to be powered by a 5 V DC power supply and to be
protected by PolyZen from a wrong power plug-in event. It is possible to configure the
evaluation board to use any of the following four power supply sources by setting jumpers
JP12, JP13 and JP4 (see Table 1).
●
5 V DC power adapter connected to CN12, the power jack on the board (power supply
unit (PSU on silk screen)). The external power supply is not provided with the board but
can be ordered separately.
Note:
The AC220V to DC5V power adapter PSU-5V2A (recommended, can be ordered from ST
order code PSU-5V2A) or equivalent (polarity compatible with CN12) can be used to power
the STM32L152-EVAL board via its power jack CN12.
●
5 V DC power with 500 mA limitation from CN11, the USB type B connector of ST-
LINK/V2 (USB 5 V power source (ST-LINK/V2 on silkscreen)).
●
5 V DC power with 500 mA limitation from CN1, the USB type B connector (5 V power
source (USB on silkscreen)).
●
5 V DC power from CN6, the extension connector for daughterboard (daughterboard
power source (Daughter board on JP12 silkscreen).
Various LEDs indicate the power status:
●
Red LED LD9 is lit when the STM32L152-EVAL board is powered correctly by 5 V.
●
Red LED LD8 is lit when MCU is powered by low voltage (VDD < 1.8 V).
●
Yellow LED LD7 is lit when MCU is powered by voltage (1.8 V<VDD<2.2 V).
●
Green LED LD6 is lit when MCU is powered by voltage (2.2 V<VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com