Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1018 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1018 Datasheet HTML 1Page - STMicroelectronics UM1018 Datasheet HTML 2Page - STMicroelectronics UM1018 Datasheet HTML 3Page - STMicroelectronics UM1018 Datasheet HTML 4Page - STMicroelectronics UM1018 Datasheet HTML 5Page - STMicroelectronics UM1018 Datasheet HTML 6Page - STMicroelectronics UM1018 Datasheet HTML 7Page - STMicroelectronics UM1018 Datasheet HTML 8Page - STMicroelectronics UM1018 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Features
UM01018
4/42
Doc ID 18141 Rev 2
1
Features
●
Four 5 V power supply options:
–Power jack
–
ST-LINK/V2 USB connector
–
User USB connector
–
Daughterboard
●
Audio speaker and microphone connected to DAC and ADC of STM32L152VBT6
●
2 GByte or more SPI interface MicroSD CardTM
●
I2C compatible serial interface temperature sensor
●
RS-232 communication
●
IrDA transceiver
●
JTAG and trace debug support, ST-LINK/V2 embedded.
●
240x320 TFT color LCD connected to SPI interface of STM32L152VBT6
●
Joystick with 4-direction control and selector
●
Reset button
●
Tamper or Key button
●
4 color user LEDs and 3 LEDs as MCU power range indicator
●
MCU consumption measurement circuit
●
LCD glass 32 x 4 segments connected to LCD controller in STM32L152VBT6
●
Extension connector for daughterboard or wrapping board
●
MCU voltage choice of 3.3 V or adjustable from 1.65 V to 3.6 V
●
USB FS connector
●
Two touch sensing buttons
●
Light dependent resistor (LDR)
●
Potentiometer
1.1
Demonstration software
Demonstration software is preloaded in the board's Flash memory for easy demonstration of
the device peripherals in stand-alone mode. For more information and to download the
latest version available, please refer to the STM32L152-EVAL demonstration software
available on www.st.com.
1.2
Order code
To order the STM32L152VBT6 evaluation board, use the order code STM32L152-EVAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com