Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1996 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 3Page - STMicroelectronics UM1996 Datasheet HTML 4Page - STMicroelectronics UM1996 Datasheet HTML 5Page - STMicroelectronics UM1996 Datasheet HTML 6Page - STMicroelectronics UM1996 Datasheet HTML 7Page - STMicroelectronics UM1996 Datasheet HTML 8Page - STMicroelectronics UM1996 Datasheet HTML 9Page - STMicroelectronics UM1996 Datasheet HTML 10Page - STMicroelectronics UM1996 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
UM1996
Getting started
DocID028716 Rev 2
7/29
Figure 3: X-NUCLEO-IHM08M1 plugged on STM32 Nucleo board
The interconnection between the STM32 Nucleo board and the X-NUCLEO-IHM08M1
expansion board is designed for full-compatibility with a wide range of STM32 Nucleo
boards without any solder bridge modifications, except for the removal of resistor R60 on
the NUCLEO-F401RE Nucleo board if the X-CUBE-SPN8 firmware is installed.
The stacked system is ready to operate with the connection of a BLDC/PMSM motor. For
correct use, please follow the hardware and software settings. For software details, please
refer to X-CUBE-SPN8 documentation available on www.st.com.
1.
Connect the three motor wires U,V,W to the J16 connector.
2.
To select the control algorithm (6-step or FOC), ensure no voltage supply is
connected.
On the STM32 NUCLEO board, set jumpers: JP1 open, JP5 (PWR) on E5V side, JP6
(IDD) closed.On the X-NUCLEO-IHM08M1 expansion board, set jumpers: J9 open,
JP3 closed.
For 6-step control (X-CUBE-SPN8 FW), set jumpers: JP1 and JP2 open, J5&J6
on the 1-Sh side. Keep capacitor C5 mounted; in case of poor motor current
regulation during startup, reduce its value.
For FOC control (STSW-STM32100 FW), set jumpers: JP1 and JP2 closed,
J5&J6 on the 3-Sh side. Remove capacitors C3, C5 and C7.
3.
Connect the DC supply voltage to the J1 connector. An external power supply is
required to power up the power board and the STM32 Nucleo board. Be sure to
supply the right power for the connected motor; (e.g., max. 12V and 2A for the
BR2804 motor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com