Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1996 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 5Page - STMicroelectronics UM1996 Datasheet HTML 6Page - STMicroelectronics UM1996 Datasheet HTML 7Page - STMicroelectronics UM1996 Datasheet HTML 8Page - STMicroelectronics UM1996 Datasheet HTML 9Page - STMicroelectronics UM1996 Datasheet HTML 10Page - STMicroelectronics UM1996 Datasheet HTML 11Page - STMicroelectronics UM1996 Datasheet HTML 12Page - STMicroelectronics UM1996 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
UM1996
Getting started
DocID028716 Rev 2
9/29
Figure 4: X-NUCLEO-IHM08M1 top layer with silk-screen
The X-NUCLEO-IHM08M1 power block features the ST morpho male pin header
connectors (CN7 and CN10) accessible on both sides of the board, which can be used to
connect this power board to the STM32 Nucleo board. All the MCU signal and power pins
are available on the ST morpho connector.
For further details, please refer to UM1724 document (5.12 STMicroelectronics morpho
connector) available on website www.st.com.
Table 3: ST morpho connector
– CN7
Pin
Default
Signal
Solder Bridge
1
PC10
2
PC11
3
PC12
4
PD2
5
VDD
6
E5V
+5 V for STM32 Nucleo supply
R170
7
BOOT0
8
GND
9
NC/PF6
10
NC
11
NC/PF7
12
IOREF
13
PA13
14
RESET
15
PA14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com